Part Number Hot Search : 
63A52 68600 02241 MAX50 2305457 MC74H 47LF100 IS61LV
Product Description
Full Text Search
 

To Download MMBZ5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1of2 MMBZ5221B - mmbz5259b features maximum ratings @ t a = 25  c unless otherwise specified mechanical data a e j l m b c h g d k sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm z planar die construction z 300 mw power dissipation on fr-4 pcb z general purpose, medium current z ideally suited for automated assembly process z case: sot-23, molded plastic z terminals: solderable per mil-std-202, method 208 z polarity: see diagrams z weight: 0.008 grams (approx.) z marking : marking code (see table on page 2) parameter symbol value units maximum forward voltage diode at i f = 100 ma v f 1.0 v maximum power dissipation (notes 1) at 25 c p d 300 mw peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) (notes 2) i fsm 4.0 amps operating junction and storage temperature range t j -55~150 1. mounted on 5.0 mm 2 (.013mm thick) land areas. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 2. measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. 300 mw surface mount zener diodes
mmbz5245b h5 / kh5 15 14.25 15.75 16 8.5 600 0.25 0.5 11.0 electrical ratings (rating 25c ambient temperature unless otherwise specified) nominal zener voltage max. zener impedance max. reverse leakage current v z @ i zt z zt @ i zt z zk @ i zk i r @ v r part number marking code nom (v) min (v) max (v) ma ma a v 300 mw zener diodes MMBZ5221B c1 / kc1 2.4 2.28 2.52 30 20.0 1200 0.25 100 1.0 mmbz5222b c2 2.5 2.38 2.63 30 20.0 1250 0.25 100 1.0 mmbz5223b c3 / kc3 2.7 2.57 2.84 30 20.0 1300 0.25 75 1.0 mmbz5225b c5 / kc5 3 2.85 3.15 30 20.0 1600 0.25 50 1.0 mmbz5226b d1 / kg1 3.3 3.14 3.47 28 20.0 1600 0.25 25 1.0 mmbz5227b d2 / kg2 3.6 3.42 3.78 24 20.0 1700 0.25 15 1.0 mmbz5228b d3 / kg3 3.9 3.71 4.10 23 20.0 1900 0.25 10 1.0 mmbz5229b d4 / kg4 4.3 4.09 4.52 22 20.0 2000 0.25 5.0 1.0 mmbz5230b d5 / kg5 4.7 4.47 4.94 19 20.0 1900 0.25 5.0 2.0 mmbz5231b e1 / ke1 5.1 4.85 5.36 17 20.0 1600 0.25 5.0 2.0 mmbz5232b e2 / ke2 5.6 5.32 5.88 11 20.0 1600 0.25 5.0 3.0 mmbz5233b e3 / ke3 6 5.7 6.3 7 20.0 1600 0.25 5.0 3.5 mmbz5234b 8j / ke4 6.2 5.89 6.51 7 20.0 1000 0.25 5.0 4.0 mmbz5235b e5 / ke5 6.8 6.46 7.14 5 20.0 750 0.25 3.0 5.0 mmbz5236b f1 / kf1 7.5 7.13 7.88 6 20.0 500 0.25 3.0 6.0 mmbz5237b f2 / kf2 8.2 7.79 8.61 8 20.0 500 0.25 3.0 6.0 mmbz5238b f3 / kf3 8.7 8.27 9.14 8 20.0 600 0.25 3.0 6.5 mmbz5239b f4 / kf4 9.1 8.65 9.56 10 20.0 600 0.25 3.0 6.5 mmbz5240b f5 / kf5 10 9.50 10.50 17 20.0 600 0.25 3.0 8.0 mmbz5241b h1 / kh1 11 10.45 11.55 22 20.0 600 0.25 3.0 8.4 mmbz5242b h2 / kh2 12 11.40 12.60 30 20.0 600 0.25 2.0 9.1 mmbz5243b h3 / kh3 13 12.35 13.65 13 9.5 600 0.25 1.0 9.9 mmbz5246b j1 / kj1 16 15.20 16.80 17 7.8 600 0.25 0.1 12.0 mmbz5247b j2 17 16.15 17.85 19 7.4 600 0.25 0.1 13.0 mmbz5248b j3 / kj3 18 17.10 18.90 21 7.0 600 0.25 0.1 14.0 mmbz5249b j4 19 18.05 19.95 23 6.6 600 0.25 0.1 14.0 mmbz5250b j5 / kj5 20 19.00 21.00 25 6.2 600 0.25 0.1 15.0 mmbz5251b k1 / kk1 22 20.90 23.10 29 5.6 600 0.25 0.1 17.0 mmbz5252b k2 / kk2 24 22.80 25.20 33 5.2 600 0.25 0.1 18.0 mmbz5253b k3 25 23.75 26.25 35 5 600 0.25 0.1 19.0 mmbz5254b k4 / kk4 27 25.65 28.35 41 5.0 600 0.25 0.1 21.0 mmbz5255b k5 / kk5 28 26.60 29.40 44 4.5 600 0.25 0.1 21.0 mmbz5256b m1 / km1 30 28.50 31.50 49 4.2 600 0.25 0.1 23.0 mmbz5257b m2 / km2 33 31.35 34.65 58 3.8 700 0.25 0.1 25.0 mmbz5258b m3 / km3 36 34.20 37.80 70 3.4 700 0.25 0.1 27.0 mmbz5259b m4 / km4 39 37.05 40.95 80 3.2 800 0.25 0.1 30.0 2of2


▲Up To Search▲   

 
Price & Availability of MMBZ5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X